Part Number Hot Search : 
FRF1210 ACT90 0602N A1530BB1 251902C PZ3032 FDG6321C OXUF936
Product Description
Full Text Search
 

To Download A400S003500100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCHARGE TUBE GAS DISCHARGE TUBE
5x7.6mm No. A400
This product is not recommended for new designs. Please refer to Littelfuse series SL1003.
3-electrode (5kA/5A) Mini Series Features
Non-radioactive Lead Free For limited space applications Smallest 3-electrode Gas tube Failsafe Option
Specifications
Packaging A400: A400F: Materials Housing: Gas: Leads:
~ 10V
00=Bulk (1.000 pcs.) 00=Bulk (500 pcs) Ceramic non-radioactive tin plated
Applications
Telecommunication Data Transmission Underground cables Distribution units
Arc Voltage @ 1A Transition Glow to Arc @
~ 1.0A
Standard
Operating temperature -40C to +90C Climatic Category complies to IEC 60068-1 +40C, 21 days, <93% humidity Marking , Type, Nom. Voltage, Date Unit Weight ca. 0.8g
complies to ITU-T K.12 (formerly CCITT) complies to UL-497B complies to DIN 57845/VDE 0845
WebLinks
Further info see: http://www.wickmanngroup.com/ download/orderinfo_surgearr.pdf http://www.wickmanngroup.com/ download/crossref_surgearr.pdf
Characteristics
Type/ Order Code DC sparkover Tolerance Impulse voltage sparkover voltage (1kV/s) typ. Glow Voltage Insulation Capacitance Resistance (@1MHZ) (@100 Vdc or @50Vdc for 90V) E1/M;E2/M E1/M;E2/M 8/20s Nominal Impulse Discharge Current (10 times) E1+E2/M 5kA 5kA 5kA 10/350s Nominal Impulse Discharge Current (1 time) E1+E2/M 2.5kA 2.5kA 2.5kA AC Nominal Discharge Current (50Hz; 1s; (10 times) E1+E2/M 5A 5A 5A Transverse Delay Time (s)
A400 S0 0090 01 00
90V
+/- 20% +/- 20% +/- 20%
< 600V < 700V < 850V * with failsafe
~ 60V ~ 60V ~ 60V
> 1G > 1G > 1G
< 1.5 pF < 1.5 pF < 1.5 pF
< 0.2 < 0.2 < 0.2
A400 S0 0230 01 00 A400 F0 0230 01 00* 230V A400 S0 0350 01 00 350V other values on request Specifications are subject to change without notice.
Order Example
Qty.
OrderNumber
Type A400
Failsafe Option Sparkover Volt. S0 0090
Tolerance 01
Packaging 00
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
GAS DISCHARGE TUBE DISCHARGE TUBE
Dimensions (mm) A400
A400 SO
A400 FO
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of A400S003500100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X